PART |
Description |
Maker |
TDA7387EPAG |
Quad BTL output power amplifier with stand-by and mute inputs
|
ST Microelectronics
|
E-TDA7375AV |
Dual SE or dual BTL output power amplifier with stand-by input and clip detection
|
ST Microelectronics
|
CD410830 |
Dual Diode POW-R-BLOK?Modules 30 Amperes/800 Volts Dual Diode POW-R-BLOK⑩ Modules 30 Amperes/800 Volts Dual Diode POW-R-BLOK Modules 30 Amperes/800 Volts TV 6C 6#8(COAX) SKT PLUG
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
E-TDA7570 |
Single or dual PWM BTL output
|
ST Microelectronics
|
CM431690 CM431290 |
Dual SCR POW-R-BLOK?Modules 90 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK?/a> Modules 90 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK⑩ Modules 90 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK Modules 90 Amperes/1200-1600 Volts Dual SCR POW-R-BLOKModules 90 Amperes/1200-1600 Volts 140 A, 1200 V, SCR
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
CM431655 CM431255 |
Dual SCR POW-R-BLOK?Modules 55 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK Modules 55 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK⑩ Modules 55 Amperes/1200-1600 Volts Dual SCR POW-R-BLOKModules 55 Amperes/1200-1600 Volts
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
TDA75610S-8ZX TDA75610S-QLX |
Low voltage operation, high efficiency (class SB), intelligent, quad BTL output power amplifier with full I2C diagnostics including tweeter detection and hardware stand-by/mute
|
ST Microelectronics
|
TDA75616LV TDA75616LV-48X |
Low voltage operation, intelligent, quad BTL output power amplifier with speaker safety routine (SSR), full I2C diagnostics including tweeter detection and hardware stand-by/mute
|
ST Microelectronics
|
TDA7057A TDA7057AQ TDA7057Q |
2 x 8 W stereo BTL audio output amplifier with DC volume control 2 CHANNEL(S), VOLUME CONTROL CIRCUIT, PZFM13 50 AMP LATCHING POWER RELAY 2 x 3 W stereo BTL audio output amplifier
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
LT1885 LT1884 LT1884CS8TR |
Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps(四路,满幅度输微微安培输入精密运算放大 Dual Rail-to-Rail Output, Picoamp Input Precision Op Amps(双路,满幅度输微微安培输入精密运算放大 Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 150 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|